10-45 10 features embedded & industrial motherboards specifications imba-h61a atx industrial motherboard with intel? 2nd/3rd generation core? i7/ i5/ i3/ pentium? processor packing list intel? socket 1155 for 2nd/3rd generation core? processor intel? h61 express chipset ddr3 1066/1333 mhz dimm x 2, max. 16gb vga, dvi dual independent display realtek rtl8111f x 2, gigabit ethernet x 2 pci-e [x16] x 1, pci-e [x1] x 2, pci x 4, mini card x 1 system form factor atx processor lga1155 socket for intel? 2nd/3rd generation core? i7/ i5/ i3/ pentium?/ celeron? processors, supports intel? 32 nm cpu up to 35w. (65w cpu supported without turbo boost mode) system memory dimm x 2, max. 16gb, ddr3 1333/1066 mhz non-ecc, un-buffered memory chipset intel? h61 express chipset i/o chipset nct6776f ethernet realtek 8111f, gigabit ethernet, rj-45 x 2 bios 64mbit flash rom, ami bios wake on lan yes (wol / pxe) watchdog timer 1~255 steps by software program tpm yes, fw3.19 h/w status monitoring temperature monitor on cpu/system, voltage monitor on vcore/5v/vbat/12v, fan monitor on cpu/ chassis expansion interface pci-e [x16] x 1, pci-e [x1] x 2, pci x 4, mini card x 1 battery lithium battery power requirement 24-pin atx connector x 1 4-pin atx 12v power connector x 1 power consumption (typical) intel? celeron? cpu g460, ddr3 1600 dimm 8gb 0.52a@12v; 0.97a@5v; 1.13a@3.3v board size 12x 9.6 (305mm x 244mm) gross weight 1.45 lb (0.66 kg) operation temperature 32f ~ 140f (0c ~ 60c) storage temperature -40f ~ 185f (-40c ~ 85c) operation humidity 0% ~ 90% rh, non-condensing mtbf (hours) 136,599 display graphic engine intel? graphics media accelerator resolution up to 1920 x 1200 @60 hz for vga up to 1920 x 1200 @60 hz for dvi output interface vga, dvi i/o storage sata 3.0gb/s x 4 serial port rs-232/422/485 x 1 (com1)(on back panel) rs-232 x 1 (on back panel) rs-232 x 4 (internal connector) universal serial bus usb2.0 x 9 (5 on mid-board, 4 on back panel) digital i/o 8-bit programmable (4-in/4-out) ps/2 port keyboard/mouse with ps/2 connector x 1 audio line-in, mic-in, line-out i/o shield ? sata cable x 2 ? com cable ? product cd ? imba-h61a ? ddr3 dimm x 2 atx power com x 4 sata x 4 mini card pci-express [x1] x 2 pci-express [x16] x 1 intel? socket 1155 for 2nd/3rd generation core? processor k/b + mouse mini-din com vga dvi rj-45 x 2 usb x 4 audio pci x 4 pci x 4
10-46 dimension unit: mm imba-h61a ordering information optional accessories 1759200172 ? cpu cooler 1709070800 ? sata cable lpt cable ? 1701100302 ? com port cable 1709100330 ? usb2.0 cable (9p, 330mm, p=2.54mm) 170910020a ? usb2.0 cable (5p, 220mm, p=2.00mm) part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. IMBA-H61A-A10 socket dimm fan vga, dvi sata2 x 4 gbe x 2 usb2.0 x 9 5 1 pci-e [x16] x 1 pci-e [x1] x 2 pci x 4 mini card x 1 atx 0c ~ 60c
|